PART |
Description |
Maker |
EL5611 EL5811IREZ EL5811IREZ-T13 EL5811IREZ-T7 EL5 |
60MHz Rail-to-Rail Input-Output VCOM Amplifiers 60MHz Rail-to-Rail Input-Output VCOM Amplifiers; Temperature Range: -40°C to 85°C; Package: 24-HTSSOP T&R 1 CHANNEL, VIDEO AMPLIFIER, PDSO24
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
R1005250L |
Si Reverse, low current, 5 - 100MHz, 25.4dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
LT1230CSTR |
Quad 100MHz Current Feedback Amplifiers; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
EDI88512CA17MBRP EDI88512CA17MCRP EDI88512CA17MIRP |
100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R x8的SRAM 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R x8的SRAM 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Channel TFT-LCD Reference Voltage Generator with External Shutdown; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 200MHz Low-Power Current Feedback Amplifiers; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R 12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers; Temperature Range: -40°C to 85°C; Package: 20-TSSOP T&R x8 SRAM 100MHz Differential Twisted-Pair Drivers; Temperature Range: -40°C to 85°C; Package: 24-QSOP T&R 650MHz, Gain of 5, Low Noise Amplifiers; Temperature Range: -40°C to 85°C; Package: 10-MSOP x8SRAM
|
Moeller Electric, Corp. Atmel, Corp.
|
EDI8C32512CA20EQ EDI8C32512CA20EI EDI8C32512CA20EM |
270MHz Ultra-Accurate Amplifiers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 14-HTSSOP T&R 500MHz Low Power Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 18-Channel TFT-LCD Reference Voltage Generator; Temperature Range: -40°C to 85°C; Package: 38-HTSSOP T&R Multi-Channel Buffer; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 28-HTSSOP T&R X32号的SRAM模块
|
Microchip Technology, Inc.
|
HA3-5020-5 HA9P5020-5 HA-5020 HA7-5020883 HA4-5020 |
Op Amp, 100MHz, Video, Current Feedback, with Output Disable 100MHz Current Feedback Video Amplifier With Disable
|
INTERSIL[Intersil Corporation]
|
LM78105M LM78105Z LM78106M LM78106Z LM78108M LM781 |
7-3920V 100mA positive voltage regulator 8-20V 100mA positive voltage regulator 10.5-23V 100mA positive voltage regulator 11.5-24V 100mA positive voltage regulator
|
BayLinear
|
CRF-22010-001 CRF-22010-101 |
62.5mW; 120VDC; SiC RF power MESFET. For class A,AB amplifiers; TDMA, EDGE, CDMA, W-CDMA, broadband amplifiers, CATV amplifiers, MMDS
|
CREE POWER
|
EL5624IRE-T13 EL5524IRE-T13 EL5724IRE-T13 EL5824IR |
Integrated Buffers with VCOM
|
Renesas Electronics Corporation
|
EL5824IREZ-T13 EL5624IRE EL5624IREZ-T7 EL5524 EL58 |
Integrated Buffers with VCOM
|
INTERSIL[Intersil Corporation]
|
EL5611 |
6-Channel VCOM Amplifier
|
intersil
|
ISL9764507 |
Boost VON Slice VCOM
|
Intersil Corporation
|